Part Number Hot Search : 
P1200 RBV604G EWS1212 62CTQ030 9435G BL24C256 99800 P1200
Product Description
Full Text Search
 

To Download EMVH350ADA330MH63G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
MVH
@Endurance : 125C 1000 to 5000 hours @Suitable to fit for automotive equipment @Solvent-proof type (10 to 50V) (see PRECAUTIONS AND GUIDELINES) @Pb-free design
High heat resistance, 125C
125C size extended MVK
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current -40 to +125C 10 to 450Vdc P20% (M) (at 20C, 120Hz) 10 to 100Vdc 160 to 450Vdc I=0.03CV or 4MA, whichever is greater. I=0.04CV+100max Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C after 2 minutes) Rated voltage (Vdc) 10V 16V 25V 35V 50V 63V 100V 160 to 250V 400 & 450V 0.24 0.20 0.16 0.14 0.14 0.18 0.18 F60 to JA0 tanE (Max.) 0.22 0.18 0.16 0.14 0.12 0.14 0.10 0.20 0.24 KE0 to MN0 When nominal capacitance exceeds 1000MF, add 0.02 to the value above for each 1000MF increase. (at 20C, 120Hz) Rated voltage (Vdc) 10V 16V 25V 35V 50V 63V 100V 160 to 250V 400 & 450V Z(-25C)/Z(+20C) 4 3 2 2 2 2 2 F60 to JA0 Z(-40C)/Z(+20C) 10 8 6 4 4 4 4 Z(-25C)/Z(+20C) 4 3 6 3 2 2 2 2 2 KE0 to MN0 Z(-40C)/Z(+20C) 8 (at 120Hz) 6 10 6 4 3 3 3 3 The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for the specified time at 125C. F60 to H63 (10 to 100Vdc) : 1000hours HA0 to JA0 (10 to 100Vdc) : 2000hours Time KE0 to MN0 (10 to 100Vdc) : 5000hours KE0 to MN0 (160 to 450Vdc) : 2000hours Capacitance change [P30% of the initial value D.F. (tanE) [300% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours (500 hours for 350 to 450WV) at 125C without voltage applied. Rated voltage(Vdc) 10 to 50Vdc 63 to 450Vdc Capacitance change [P30% of the initial value [P30% of the initial value D.F. (tanE) [300% of the initial specified value [300% of the initial specified value Leakage current [The initial specified value [500% of the initial specified value
Characteristics
Dissipation Factor (tane)
Low Temperature Characteristics (Max. Impedance Ratio)
Endurance
Shelf Life
?DIMENSIONS [mm]
@Terminal Code : A @Size code : F60 to KG5
FDP0.5 BP0.2 W P CP0.2
?MARKING
F60 to JA0 EX) 35V47MF
74H
0.3max. LP0.5 (Note) Note : LP0.3 for F60 and F80
AP0.2
@Terminal Code : G @Size code : LH0 to MN0
0.3max.
W
C B A L Size code D 6.3 5.7 6.6 6.6 7.2 F60 6.3 7.7 6.6 6.6 7.2 F80 6.3 8.3 8.3 9.0 8 H63 8 10.0 8.3 8.3 9.0 HA0 10 10.0 10.3 10.3 11.0 JA0 12.5 13.5 13.0 13.0 13.7 KE0 12.5 16.0 13.0 13.0 13.7 KG5 16 16.5 17.0 17.0 18.0 LH0 16 21.5 17.0 17.0 18.0 LN0 18 16.5 19.0 19.0 20.0 MH0 18 21.5 19.0 19.0 20.0 MN0
W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3
P 1.9 1.9 2.3 3.1 4.5 4.2 4.2 6.5 6.5 6.5 6.5
47 35V
KE0 to MN0 EX) 16V1000MF
0V MVH
1000 16V
FDP0.5
BP0.2
LP0.5
AP0.2
P CP0.2
: Dummy terminals
(1/2)
CAT. No. E1001E
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
High heat resistance, 125C
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
E MV H AAA A AA AAA M AAA N
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 4.7MF:4R7,10MF:100) Taping*Tray code Terminal code (A, G) Voltage code (ex. 10V:100,50V:500,100V:101) Series code Category
Please refer to "A guide to global code (surface mount type)"
?STANDARD RATINGS
WV Cap (Vdc) (mF) 100 100 220 330 1000 2200 2200 3300 4700 47 470 680 680 1000 2200 33 47 47 100 220 330 470 470 680 680 1000 10 22 33 33 47 100 330 330 470 470 680 10 22 22 33 Size code F80 H63 HA0 JA0 KE0 LH0 MH0 MH0 MN0 F60 KE0 KE0 LH0 MH0 MH0 F60 F80 H63 HA0 JA0 KE0 KE0 LH0 LH0 MH0 MN0 F60 F60 F80 H63 HA0 JA0 KE0 LH0 KG5 LH0 MH0 F60 F80 H63 HA0 ESR (omax/ 100kHz) 20c 2.3 2.3 1.0 0.70 0.14 0.10 0.10 0.10 0.058 3.3 0.14 0.14 0.10 0.10 0.10 3.3 2.3 2.3 1.0 0.70 0.14 0.14 0.10 0.10 0.10 0.058 3.3 3.3 2.3 2.3 1.0 0.70 0.14 0.10 0.11 0.10 0.10 3.3 2.3 2.3 1.0 Rated ripple current (mArms/125c) Part No. WV Cap (Vdc) (mF) 47 100 220 220 330 330 470 10 10 22 33 100 220 330 470 10 22 47 68 100 220 10 22 33 68 10 22 33 33 47 10 22 22 33 4.7 6.8 10 10 3.3 4.7 10 Size code JA0 KE0 KE0 LH0 KG5 LH0 MH0 F80 H63 HA0 JA0 KE0 KG5 LH0 LN0 HA0 JA0 KE0 KG5 LH0 MN0 KE0 LH0 MH0 MN0 KE0 LH0 LN0 MH0 MN0 KG5 LN0 MH0 MN0 KE0 LH0 LN0 MH0 KG5 LH0 MN0 ESR (omax/ 100kHz) 20c EMVH100ADA101MF80G EMVH100ADA101MH63G EMVH100ADA221MHA0G EMVH100ADA331MJA0G EMVH100ASS102MKE0S EMVH100GTR222MLH0S EMVH100GTR222MMH0S EMVH100GTR332MMH0S EMVH100GTR472MMN0S EMVH160ADA470MF60G EMVH160ASS471MKE0S EMVH160ASS681MKE0S EMVH160GTR681MLH0S EMVH160GTR102MMH0S EMVH160GTR222MMH0S EMVH250ADA330MF60G EMVH250ADA470MF80G EMVH250ADA470MH63G EMVH250ADA101MHA0G EMVH250ADA221MJA0G EMVH250ASS331MKE0S EMVH250ASS471MKE0S EMVH250GTR471MLH0S EMVH250GTR681MLH0S EMVH250GTR681MMH0S EMVH250GTR102MMN0S EMVH350ADA100MF60G EMVH350ADA220MF60G EMVH350ADA330MF80G EMVH350ADA330MH63G EMVH350ADA470MHA0G EMVH350ADA101MJA0G EMVH350ASS331MKE0S EMVH350GTR331MLH0S EMVH350ASS471MKG5S EMVH350GTR471MLH0S EMVH350GTR681MMH0S EMVH500ADA100MF60G EMVH500ADA220MF80G EMVH500ADA220MH63G EMVH500ADA330MHA0G 0.70 0.23 0.23 0.15 0.18 0.15 0.15 2.3 2.3 1.0 0.70 0.25 0.20 0.18 0.11 1.0 0.70 0.33 0.26 0.24 0.16 -
is non solvent-proof (63 to 450Vdc).
Rated ripple current (mArms/125c)
Part No.
-40c 100kHz 120Hz 46.0 46.0 20.0 13.4 2.1 1.5 1.5 1.5 0.87 66.0 2.1 2.1 1.5 1.5 1.5 66.0 46.0 46.0 20.0 13.4 2.1 2.1 1.5 1.5 1.5 0.87 66.0 66.0 46.0 46.0 20.0 13.4 2.1 1.5 1.5 1.5 1.5 66.0 46.0 46.0 20.0 72 72 136 188 750 1000 1200 1200 1550 43 750 750 1000 1200 1200 45 68 68 126 211 750 750 1000 1000 1200 1550 27 39 62 62 92 151 750 1000 900 1000 1200 38 50 50 83 -
-40c 100kHz 120Hz 13.4 3.5 3.5 2.3 2.7 2.3 2.3 115 115 50.0 35.0 12.5 10.0 9.0 5.5 50.0 35.0 16.5 13.0 12.0 8.0 111 550 550 850 700 850 920 42 42 56 71 500 600 820 1100 53 63 450 550 650 950 100 180 245 380 100 180 250 245 315 110 200 205 260 70 100 140 135 65 85 145 EMVH500ADA470MJA0G EMVH500ASS101MKE0S EMVH500ASS221MKE0S EMVH500GTR221MLH0S EMVH500ASS331MKG5S EMVH500GTR331MLH0S EMVH500GTR471MMH0S EMVH630ADA100MF80G EMVH630ADA100MH63G EMVH630ADA220MHA0G EMVH630ADA330MJA0G EMVH630ASS101MKE0S EMVH630ASS221MKG5S EMVH630GTR331MLH0S EMVH630GTR471MLN0S EMVH101ADA100MHA0G EMVH101ADA220MJA0G EMVH101ASS470MKE0S EMVH101ASS680MKG5S EMVH101GTR101MLH0S EMVH101GTR221MMN0S EMVH161ASS100MKE0S EMVH161GTR220MLH0S EMVH161GTR330MMH0S EMVH161GTR680MMN0S EMVH201ASS100MKE0S EMVH201GTR220MLH0S EMVH201GTR330MLN0S EMVH201GTR330MMH0S EMVH201GTR470MMN0S EMVH251ASS100MKG5S EMVH251GTR220MLN0S EMVH251GTR220MMH0S EMVH251GTR330MMN0S EMVH401ASS4R7MKE0S EMVH401GTR6R8MLH0S EMVH401GTR100MLN0S EMVH401GTR100MMH0S EMVH451ASS3R3MKG5S EMVH451GTR4R7MLH0S EMVH451GTR100MMN0S
50
10
63
16
100
25
160
200
35
250
400
50
450
SS : Taping / Tray code
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of EMVH350ADA330MH63G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X